Part Number Hot Search : 
CSD13002 2N6230 UPL32PT OP900SL ST921 1A302 PTM120 PMD4002K
Product Description
Full Text Search
 

To Download 1008LBS-182XJLB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chip inductors C 1008ls (2520) document 103-1 document 103-1 revised 01/21/13 inductance 2 percent srf min 4 dcr max 5 i rms 6 color part number 1 (h) tolerance q min 3 (mhz) (ohms) (ma) code 7 1008ls-102xjl_ 1.0 @ 7.9 mhz 5 48 @ 50 mhz 230 0.62 700 black 1008ls-122xjl_ 1.2 @ 7.9 mhz 5 37 @ 50 mhz 210 0.68 650 red 1008ls-152xjl_ 1.5 @ 7.9 mhz 5 37 @ 50 mhz 190 0.76 630 green 1008ls-182xjl_ 1.8 @ 7.9 mhz 5 37 @ 50 mhz 170 0.84 600 gray 1008ls-222xjl_ 2.2 @ 7.9 mhz 5 37 @ 50 mhz 150 1.10 520 red 1008ls-272xjl_ 2.7 @ 7.9 mhz 5 37 @ 50 mhz 135 1.28 490 violet 1008ls-332xjl_ 3.3 @ 7.9 mhz 5 37 @ 50 mhz 120 1.46 450 orange 1008ls-392xjl_ 3.9 @ 7.9 mhz 5 37 @ 7.9 mhz 105 1.56 420 white 1008ls-432xjl_ 4.3 @ 7.9 mhz 5 30 @ 7.9 mhz 85 1.70 400 orange 1008ls-472xjl_ 4.7 @ 7.9 mhz 5 32 @ 7.9 mhz 90 1.68 400 violet 1008ls-502xjl_ 5.0 @ 7.9 mhz 5 25 @ 7.9 mhz 30 2.20 360 black 1008ls-562xjl_ 5.6 @ 7.9 mhz 5 37 @ 7.9 mhz 80 1.82 380 blue 1008ls-622xjl_ 6.2 @ 7.9 mhz 5 32 @ 7.9 mhz 75 2.50 330 red 1008ls-682xjl_ 6.8 @ 7.9 mhz 5 37 @ 7.9 mhz 70 2.00 360 gray 1008ls-822xjl_ 8.2 @ 7.9 mhz 5 37 @ 7.9 mhz 65 2.65 330 red 1008ls-912xjl_ 9.1 @ 7.9 mhz 5 37 @ 7.9 mhz 57 2.90 310 brown 1008ls-103xjl_ 10 @ 7.9 mhz 5 37 @ 7.9 mhz 60 2.95 300 black 1008ls-123xjl_ 12 @ 2.5 mhz 5 28 @ 2.5 mhz 38 3.30 290 red 1008ls-153xjl_ 15 @ 2.5 mhz 5 34 @ 2.5 mhz 30 3.70 280 green 1008ls-183xjl_ 18 @ 2.5 mhz 5 28 @ 2.5 mhz 26 4.00 160 gray 1008ls-223xjl_ 22 @ 2.5 mhz 5 20 @ 2.5 mhz 22 6.14 270 red 1008ls-273xjl_ 27 @ 2.5 mhz 5 24 @ 2.5 mhz 12 6.45 210 violet 1008ls-333xjl_ 33 @ 2.5 mhz 5 22 @ 2.5 mhz 19 7.00 200 orange 1008ls-393xjl_ 39 @ 2.5 mhz 5 33 @ 2.5 mhz 26 10.0 170 white 1008ls-473xjl_ 47 @ 2.5 mhz 5 20 @ 2.5 mhz 12 10.7 160 violet 1008ls-563xjl_ 56 @ 2.5 mhz 5 20 @ 2.5 mhz 8.0 10.0 170 blue 1008ls-683xjl_ 68 @ 0.79 mhz 5 14 @ 0.79 mhz 5.7 13.5 145 gray 1008ls-104xjl_ 100 @ 0.79 mhz 5 13 @ 0.79 mhz 4.5 20.5 120 black 1. when ordering, please specify termination and packaging codes: 1008ls-103xj lc termination: l = rohs compliant silver-palladium-platinum-glass frit. e = halogen free component. rohs compliant silver- palladium-platinum-glass frit terminations. special order: t = rohs tin-silver-copper (95.5/4/0.5) or s = non-rohs tin-lead (63/37). packaging: c = 7 machine-ready reel. eia-481 embossed plastic tape (2000 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter c instead. d = 13 machine-ready reel. eia-481 embossed plastic tape. factory order only, not stocked (7500 parts per full reel). 2. inductance measured using a coilcraft smd-a fxture in an agilent/ hp 4286a impedance analyzer with coilcraft-provided correlation pieces. 3. q measured using an agilent/hp 4291a with an agilent/hp 16193 test fxture. 4. srf measured using an agilent/hp 8753d network analyzer with a coilcraft smd-d fxture. 5. dcr measured on a cambridge technology micro-ohmmeter. 6. current that causes a 15c temperature rise from 25c. because of their open construction, these parts will not saturate. 7. current production parts are marked with one dot. prior production parts were marked with three dots. part marking does not indicate polarity. 8. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. ? lower dcr than other 1008 inductors ? ferrite construction for high current handling ? inductance values: 1.0 C 100 h designers kit c336 contains 10 of each stocked value core material ceramic/ferrite environmental rohs compliant, halogen free optional terminations rohs compliant silver-palladium-platinum-glass frit. other terminations available at additional cost. weight 38.3 C 41.0 mg ambient temperature C40c to +85c with i rms current, +85c to +100c with derated current storage temperature component: C40c to +100c. tape and reel packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles temperature coeffcient of inductance (tcl) +100 to +350 ppm/c moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) one per billion hours / one billion hours, calculated per telcordia sr-332 packaging 2000/7 reel plastic tape: 8 mm wide, 0.3 mm thick, 4 mm pocket spacing, 2.0 mm pocket depth pcb washing tested with pure water or alcohol only. for other solvents, see doc787_pcb_washing.pdf request free evaluation samples by contacting coilcraft or visiting www.coilcraft.com. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation.
document 103-2 document 103-2 revised 01/21/13 typical q vs frequency typical l vs frequency a b c d max max max ref e f g h i j 0.115 0.110 0.080 0.020 0.080 0.020 0.060 0.100 0.040 0.050 inches 2,92 2,79 2,03 0,51 2,03 0,51 1,52 2,54 1,02 1,27 mm i i j h a b ov erall f g e ter minal f c d te r minal wraparound: appro x 0.010/0,25 both ends recommended land pa ttern pic k an d place mater ial 1 10 100 1000 11 0 1000 100 inductance (h) frequency (mhz) 1.8 h 6.8 h 33 h 10 h 68 h 0 10 20 30 40 50 11 0 100 frequency (mhz) q f actor 1.8 h 6.8 h 33 h 10 h 68 h note: height dimension is before optional solder application. for maximum height dimension including solder, add 0.006 in / 0,152 mm. us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2013 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check web site for latest infor mation. 1008ls series (2520)


▲Up To Search▲   

 
Price & Availability of 1008LBS-182XJLB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X